Part Number Hot Search : 
HD74LS 1003F WP711 50500 KK2901 DG641 PC2501 SMBJ20A
Product Description
Full Text Search
 

To Download CSC2233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
TO-220 Plastic Package
CSC2233
CSC2233
NPN PLASTIC POWER TRANSISTOR
TV Horizontal Deflection Output Applications
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER 4. COLLECTOR
4
1 2 3
B H
F
C E
DIM A B C D E F G H J K L M N O
MIN . 14.42 9.63 3.56
MAX.
12 N L
3
D G
J M
16.51 10.67 4.83 0.90 1.15 1.40 3.75 3.88 2.29 2.79 2.54 3.43 0.56 12.70 14.73 2.80 4.07 2.03 2.92 31.24 DEG 7
A
O
O
ABSOLUTE MAXIMUM RATINGS Collector-base voltage (open emitter) Collector-emitter voltage (open base) Collector current Total power dissipation up to TC = 25C Junction temperature Collector-emitter saturation voltage IC = 4 A; IB = 0.4 A D.C. current gain IC = 1 A; VCE = 5 V RATINGS (at TA=25C unless otherwise specified) Limiting values Collector-base voltage (open emitter) Collector-emitter voltage (open base) Emitter-base voltage (open collector) Collector current Collector current (Peak value)
All diminsions in mm.
K
VCBO VCEO IC Ptot Tj VCEsat hFE
max. max. max. max. max. max. min. max.
200 60 4 40 150
V V A W C
1.0 V 30 150
VCBO VCEO VEBO IC ICP
max. max. max. max. max.
200 60 5.0 4 10
V V V A A
Continental Device India Limited
Data Sheet
Page 1 of 3
CSC2233
Base current Total power dissipation up to TA = 25C Total power dissipation up to TC = 25C Junction temperature Storage temperature CHARACTERISTICS Tamb = 25C unless otherwise specified Collector cutoff current IE = 0; VCB = 170 V Emitter cut-off current IC = 0; VEB = 5 V Breakdown voltages IC = 20 mA; IB = 0 IC = 1 mA; IE = 0 IE = 1 mA; IC = 0 Saturation voltages IC = 4 A; IB = 0.4 A D.C. current gain IC = 1 A; VCE = 5 V IC = 4 A; VCE = 5 V Transition frequency IC = 0.5 A; VCE = 5 V
IB Ptot Ptot Tj Tstg
max. 1.0 A max. 1.5 W max. 40 W max. 150 C -65 to +150 C
ICBO IEBO VCEO VCBO VEBO VCEsat VBEsat hFE hFE fT
max. max. min. min. min. max. max. min. max. min. typ.
10 A 10 A 60 V 200 V 5.0 V 1.0 V 1.5 V 30 150 20 8 MHz
Continental Device India Limited
Data Sheet
Page 2 of 3
Customer Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/ CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Continental Device India Limited Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CSC2233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X